PART |
Description |
Maker |
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
2SB1132 2SB1132L-X-TN3-T 2SB1132L-P-AB3-R 2SB1132L |
MEDIUM POWER TRANSISTOR 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-252 MEDIUM POWER TRANSISTOR 中功率晶体管
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
FXT458 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
BCP69-16 BCP69-25 BCP69 BCP69/T1 |
TRANSISTOR MEDIUM POWER PNP medium power transistor
|
PHILIPS[Philips Semiconductors]
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
2SC2982 E000777 |
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS) 晶体管(STOROBO闪光,中等功率放大器应用 TRANSISTOR (STOROBO FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS) From old datasheet system
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
2SC3072 |
TRANSISTOR (STROBE FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS) Transistor Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications Medium Power Amplifier Applications
|
Toshiba Semiconductor
|
C2688BPL CSC2688 CSC2688BPL CSC2688G CSC2688O CSC2 |
10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 200.000A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 160 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 60 - 120 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 80 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 100 - 200 hFE.
|
Continental Device India Limited
|
2N3209DCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED/ MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SB772SL-X-AA3-R 2SB772S-X-T92-K 2SB772S-X-AB3-R 2 |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|